PART |
Description |
Maker |
SF5J41A SF5G41A |
THYRISTOR SILICON PLANAR TYPE MEDIUM POWER CONTROL APPLICATIONS TOSHIBA THYRISTOR SILICON PLANAR TYPE
|
TOSHIBA[Toshiba Semiconductor]
|
S6A13 |
Thyristor Silicon Planar Type Condenser Discharge Control Applications TOSHIBA Thyristor Silicon Planar Type
|
Toshiba Semiconductor
|
SF3JZ47 |
TOSHIBA THYRISTOR SILICON DIFFUSED TYPE
|
Toshiba Corporation
|
2N5064RLRA 2N5064RLRM 2N5064RLRMG 2N5061RLRM 2N506 |
Thyristor .8A 100V Connector Housing; Series:MicroClasp; No. of Contacts:3; Gender:Female; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 100 V, SCR, TO-92 Sensitive Gate Silicon Controlled Rectifiers 0.8 A, 60 V, SCR, TO-92 Silicon Controlled Rectifier .8A 25V Thyristor .8A 200V Thyristor .8A 50V
|
ONSEMI[ON Semiconductor]
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
TPC8401 |
80 AMP MINI-ISO AUTOMOTIVE RELAY TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U-MOSII) TOSHIBA Field Effect Transistor Silicon N, P Channel MOS Type (U−MOSII) TOSHIBA Field Effect Transistor Silicon N/ P Channel MOS Type (U−MOSII)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
TLOU114P TLYU114P TLSU114P |
Panel Circuit Indicator InGaAlP LED TOSHIBA InGaAP LED TOSHIBA InGaAГP LED TOSHIBA InGaA?P LED
|
TOSHIBA[Toshiba Semiconductor]
|
VSKTF180 VSKTF18012HJP VSKTF18012HKP |
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 180 A
|
Vishay Siliconix
|
VSKTF20012HJP VSKTF200 VSKTF20012HKP |
Fast Thyristor/Diode and Thyristor/Thyristor (MAGN-A-PAKTM Power Modules), 200 A
|
Vishay Siliconix
|
VSKT500 VSKTF50016PBF |
Thyristor/Diode and Thyristor/Thyristor (SUPER MAGN-A-PAKTM Power Modules), 500 A
|
Vishay Siliconix
|
VSKL91-06 VSKL91-08 VSKL91-04 VSKN91-14 VSKN91-06 |
ADD-A-PAK Generation VII Power Modules Thyristor/Diode and Thyristor/Thyristor, 95 A
|
Vishay Siliconix http://
|